Part Number Hot Search : 
M78L0 BC214C 71418 13003X AA1A3QC N74ACT 74VCX16 60125
Product Description
Full Text Search
 

To Download TPSLF6028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
TPSLF Wirewound Power Inductors
Chip Shielded Wirewound Power Inductors
Token Offers Wirewound Power Inductor 0.0050 Low DCR Value (TPSLF)
Preview Token has once again extended its TPSLF family of low-profile, wire wound, high-current inductors with a new device that offers the lowest direct current resistance (DCR) available in a compact (6.2mm x 6.2mm), (7.4mm x 7.4mm), (10.1mm x 10.1mm), (12.5mm x 12.5mm) package with a low 3.0mm, 3.5mm, 4.5mm, 5.1mm, 5.5mm, 6.5mm, and 7.5mm height profile. Token TPSLF Wirewound Power Inductors feature RoHS-compliant and a 100 percent Pb-free, magnetically shielded, composite construction that reduces buzz noise to ultra-low levels. The TPSLF series is a high-performance, space-saving and power-saving solution for DC-DC converter applications for products such as Game machine, HDD, Notebook PC, Projector, PDA, mobile devices, notebook computers, desktop computers, and servers. Other applications include low-profile, and high-current power supplies. Selection Guide for Chip Inductors : - TPSLF6028: Inductance 10.00H ~ 330.00H; DCR 0.150 ~ 4.940; IDC 1.10A ~ 0.19A. - TPSLF7032: Inductance 1.00H ~ 1000.00H; DCR 0.019 ~ 7.020; IDC 3.12A ~ 0.10A. - TPSLF7045: Inductance 1.00H ~ 1000.00H; DCR 0.023 ~ 4.100; IDC 2.88A ~ 0.17A. - TPSLF10145: Inductance 10.00H ~ 1500.00H; DCR 0.0364 ~ 3.400; IDC 3.00A ~ 0.22A. - TPSLF12555: Inductance 6.00H ~ 1500.00H; DCR 0.0164 ~ 1.730; IDC 3.60A ~ 0.29A. - TPSLF12565: Inductance 2.00H ~ 220.00H; DCR 0.0117 ~ 0.273; IDC 10.00A ~ 1.00A. - TPSLF12575: Inductance 1.20H ~ 220.00H; DCR 0.0050 ~ 0.258; IDC 13.00A ~ 1.30A. Features : - Magnetically shielded construction. - Large Current and Low DCR. - Compact and thin. Applications : - Computers, DC-DC converter, VCR Camera.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 10
TOKEN
TPSLF Wirewound Power Inductors
(TPSLF6028, TPSLF7032, TPSLF7045, TPSLF10145) Dimensions & Configurations (Unit: mm) Land Pattern F G TP B E H
A
C
D
XXX
Type TPSLF6028 TPSLF7032 TPSLF7045 TPSLF10145
A(max) 6.2 7.4 7.4 10.1
B(max) 6.2 7.4 7.4 10.1
C(max) 3.0 3.5 5.1 4.5
D0.2 1.8 2.0 2.0 2.0
E(max) 3.0 5.4 5.4 6.0
F 2.2 3.0 3.0 3.0
G 1.8 2.0 2.0 2.5
H 2.5 4.4 4.4 5.6
Note: Design as Customer's Requested Specifications.
(TPSLF12555, TPSLF12565, TPSLF12575) Dimensions & Configurations (Unit: mm) Land Pattern A C
E
H I
XXX
TC
B
J
D Type TPSLF12555 TPSLF12565 TPSLF12575 A0.3 12.5 12.5 12.5 B0.3 12.5 12.5 12.5 C0.3 5.5 6.5 7.5 D(Ref) 0.1 0.1 0.1 E(Ref) 3.0 3.0 3.0 F(Ref) 8.3 8.3 8.3
G(Ref) 2.0 2.0 2.0
F G H 3.2 3.2 3.2 I 2.5 2.5 2.5
J 8.6 8.6 8.6
Note: Design as Customer's Requested Specifications.
02 of 10
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Part Number TPSLF6028 - 100M TPSLF6028 - 120M TPSLF6028 - 150M TPSLF6028 - 180M TPSLF6028 - 220M TPSLF6028 - 270M TPSLF6028 - 330M TPSLF6028 - 390M TPSLF6028 - 470M TPSLF6028 - 560M TPSLF6028 - 680M TPSLF6028 - 820M TPSLF6028 - 101M TPSLF6028 - 121M TPSLF6028 - 151M TPSLF6028 - 181M TPSLF6028 - 221M TPSLF6028 - 271M TPSLF6028 - 331M
TPSLF6028 Wirewound Power Inductors
Inductance (H) 10.00 12.00 15.00 18.00 22.00 27.00 33.00 39.00 47.00 56.00 68.00 82.00 100.00 120.00 150.00 180.00 220.00 270.00 330.00 Test Freq. ( KHz ) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 DCR () (max) 0.150 0.200 0.230 0.270 0.340 0.380 0.450 0.490 0.690 0.780 1.070 1.210 1.390 1.900 2.180 2.770 3.120 4.380 4.940 IDC (A) (max) 1.10 1.00 0.90 0.80 0.74 0.66 0.59 0.54 0.50 0.46 0.42 0.38 0.34 0.31 0.28 0.26 0.23 0.22 0.19
(TPSLF6028) Electrical Characteristics
Note: Test Freq.: 1KHz / 0.25V. Operating Temp.: -40C ~ +85C. Inductance drop=10% typ. at IDC.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
03 of 10
TOKEN
Part Number TPSLF7032 - 1R0M TPSLF7032 - 1R5M TPSLF7032 - 1R8M TPSLF7032 - 2R2M TPSLF7032 - 2R7M TPSLF7032 - 3R3M TPSLF7032 - 4R7M TPSLF7032 - 5R6M TPSLF7032 - 6R8M TPSLF7032 - 8R2M TPSLF7032 - 100M TPSLF7032 - 120M TPSLF7032 - 150M TPSLF7032 - 180M TPSLF7032 - 220M TPSLF7032 - 270M TPSLF7032 - 330M TPSLF7032 - 390M TPSLF7032 - 470M TPSLF7032 - 560M TPSLF7032 - 680M TPSLF7032 - 820M TPSLF7032 - 101M TPSLF7032 - 121M TPSLF7032 - 151M TPSLF7032 - 181M TPSLF7032 - 221M TPSLF7032 - 271M TPSLF7032 - 331M TPSLF7032 - 391M TPSLF7032 - 471M TPSLF7032 - 561M TPSLF7032 - 681M TPSLF7032 - 821M TPSLF7032 - 102M
TPSLF7032 Wirewound Power Inductors
(TPSLF7032) Electrical Characteristics Inductance (H) 1.00 1.50 1.80 2.20 2.70 3.30 4.70 5.60 6.80 8.20 10.00 12.00 15.00 18.00 22.00 27.00 33.00 39.00 47.00 56.00 68.00 82.00 100.00 120.00 150.00 180.00 220.00 270.00 330.00 390.00 470.00 560.00 680.00 820.00 1000.00 Test Freq. (KHz) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 DCR () (max) 0.019 0.023 0.028 0.028 0.030 0.035 0.043 0.050 0.055 0.065 0.080 0.090 0.120 0.130 0.150 0.210 0.250 0.310 0.350 0.430 0.520 0.600 0.790 0.804 1.100 1.250 1.560 1.830 2.900 3.300 3.600 4.100 4.600 5.900 7.020 IDC (A)(max) 3.12 2.85 2.66 2.66 2.40 2.26 1.96 1.80 1.76 1.50 1.34 1.23 1.09 0.99 0.90 0.81 0.72 0.67 0.60 0.55 0.50 0.46 0.41 0.35 0.30 0.28 0.25 0.24 0.23 0.22 0.21 0.19 0.18 0.12 0.10
Note: Test Freq.: 1KHz / 0.25V. Operating Temp.: -40C ~ +85C. Inductance drop=10% typ. at IDC.
04 of 10
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Part Number TPSLF7045 - 1R0M TPSLF7045 - 1R2M TPSLF7045 - 1R5M TPSLF7045 - 2R2M TPSLF7045 - 3R3M TPSLF7045 - 4R7M TPSLF7045 - 5R6M TPSLF7045 - 6R8M TPSLF7045 - 8R2M TPSLF7045 - 100M TPSLF7045 - 120M TPSLF7045 - 150M TPSLF7045 - 180M TPSLF7045 - 220M TPSLF7045 - 270M TPSLF7045 - 330M TPSLF7045 - 390M TPSLF7045 - 470M TPSLF7045 - 560M TPSLF7045 - 680M TPSLF7045 - 820M TPSLF7045 - 101M TPSLF7045 - 121M TPSLF7045 - 151M TPSLF7045 - 181M TPSLF7045 - 221M TPSLF7045 - 271M TPSLF7045 - 331M TPSLF7045 - 391M TPSLF7045 - 471M TPSLF7045 - 561M TPSLF7045 - 681M TPSLF7045 - 821M TPSLF7045 - 102M
TPSLF7045 Wirewound Power Inductors
(TPSLF7045) Electrical Characteristics
Inductance (H) 1.00 1.20 1.50 2.20 3.30 4.70 5.60 6.80 8.20 10.00 12.00 15.00 18.00 22.00 27.00 33.00 39.00 47.00 56.00 68.00 82.00 100.00 120.00 150.00 180.00 220.00 270.00 330.00 390.00 470.00 560.00 680.00 820.00 1000.00
Test Freq. (KHz) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
DCR () (max) 0.023 0.025 0.027 0.030 0.035 0.041 0.044 0.047 0.048 0.050 0.070 0.080 0.090 0.110 0.150 0.170 0.180 0.200 0.280 0.320 0.350 0.400 0.440 0.730 0.780 0.940 1.250 1.400 1.520 1.700 2.390 2.500 3.000 4.100
IDC (A)(max) 2.88 2.85 2.61 2.46 2.28 2.08 2.00 1.94 1.80 1.68 1.54 1.39 1.26 1.13 1.02 0.84 0.80 0.76 0.64 0.60 0.57 0.50 0.47 0.40 0.39 0.33 0.31 0.27 0.27 0.25 0.22 0.20 0.18 0.17
Note: Test Freq.: 1KHz / 0.25V. Operating Temp.: -40C ~ +85C. Inductance drop=10% typ. at IDC.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
05 of 10
TOKEN
Part Number TPSLF10145 - 100M TPSLF10145 - 150M TPSLF10145 - 220M TPSLF10145 - 330M TPSLF10145 - 470M TPSLF10145 - 680M TPSLF10145 - 101M TPSLF10145 - 151M TPSLF10145 - 221M TPSLF10145 - 331M TPSLF10145 - 471M TPSLF10145 - 681M TPSLF10145 - 102M TPSLF10145 - 152M
TPSLF10145 Wirewound Power Inductors
(TPSLF10145) Electrical Characteristics Inductance (H) 10.00 15.00 22.00 33.00 47.00 68.00 100.00 150.00 220.00 330.00 470.00 680.00 1000.00 1500.00 Test Freq. ( KHz ) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 DCR () (20%) 0.0364 0.0472 0.0591 0.0815 0.100 0.140 0.200 0.350 0.470 0.680 1.030 1.600 2.800 3.400 IDC (A) (max) 3.00 2.40 2.10 1.60 1.40 1.20 1.00 0.79 0.65 0.54 0.47 0.38 0.32 0.22
Note: Test Freq.: 1KHz / 0.25V. Operating Temp.: -40C ~ +85C. Inductance drop=10% typ. at IDC.
06 of 10
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Part Number TPSLF12555 - 6R0N TPSLF12555 - 100M TPSLF12555 - 150M TPSLF12555 - 220M TPSLF12555 - 330M TPSLF12555 - 470M TPSLF12555 - 680M TPSLF12555 - 101M TPSLF12555 - 151M TPSLF12555 - 221M TPSLF12555 - 331M TPSLF12555 - 471M TPSLF12555 - 681M TPSLF12555 - 102M TPSLF12555 - 152M
TPSLF12555 Wirewound Power Inductors
Inductance (H) 6.00 10.00 15.00 22.00 33.00 47.00 68.00 100.00 150.00 220.00 330.00 470.00 680.00 1000.00 1500.00 Test Freq. (KHz) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 DCR () (20%) 0.0164 0.0215 0.0259 0.0338 0.0415 0.0618 0.0832 0.117 0.190 0.270 0.410 0.520 0.760 1.120 1.730 IDC (A)(max) 3.60 3.40 2.80 2.30 1.90 1.60 1.30 1.10 0.88 0.72 0.59 0.49 0.43 0.34 0.29
(TPSLF12555) Electrical Characteristics
Note: Test Freq.: 1KHz / 0.25V. Operating Temp.: -40C ~ +85C. Inductance drop=10% typ. at IDC.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
07 of 10
TOKEN
Part Number TPSLF12565 - 2R0N TPSLF12565 - 4R2N TPSLF12565 - 7R0N TPSLF12565 - 100M TPSLF12565 - 150M TPSLF12565 - 220M TPSLF12565 - 330M TPSLF12565 - 470M TPSLF12565 - 680M TPSLF12565 - 101M TPSLF12565 - 221M
TPSLF12565 Wirewound Power Inductors
(TPSLF12565) Electrical Characteristics Inductance (H) 2.00 4.20 7.00 10.00 15.00 22.00 33.00 47.00 68.00 100.00 220.00 Test Freq. (KHz) 1 1 1 1 1 1 1 1 1 1 1 DCR () (20%) 0.0117 0.0150 0.0177 0.0202 0.0237 0.0316 0.0406 0.0578 0.0787 0.123 0.273 IDC (A) (max) 10.00 7.30 5.70 5.00 4.20 3.50 2.80 2.40 2.00 1.60 1.00
Note: Test Freq.: 1KHz / 0.25V. Operating Temp.: -40C ~ +85C. Inductance drop=10% typ. at IDC.
08 of 10
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Part Number TPSLF12575 - 1R2N TPSLF12575 - 2R7N TPSLF12575 - 3R9N TPSLF12575 - 5R6N TPSLF12575 - 6R8N TPSLF12575 - 100M TPSLF12575 - 150M TPSLF12575 - 220M TPSLF12575 - 330M TPSLF12575 - 470M TPSLF12575 - 680M TPSLF12575 - 101M TPSLF12575 - 151M TPSLF12575 - 221M
TPSLF12575 Wirewound Power Inductors
Inductance (H) 1.20 2.70 3.90 5.60 6.80 10.00 15.00 22.00 33.00 47.00 68.00 100.00 150.00 220.00 Test Freq. (KHz) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 DCR () (20%) 0.0050 0.0094 0.0104 0.0116 0.0131 0.0156 0.0184 0.0263 0.0395 0.0528 0.0778 0.125 0.175 0.258 IDC (A) (max) 13.00 10.00 9.00 7.80 7.20 5.50 4.70 4.00 3.20 2.70 2.00 1.90 1.50 1.30
(TPSLF12575) Electrical Characteristics
Note: Test Freq.: 1KHz / 0.25V. Operating Temp.: -40C ~ +85C. Inductance drop=10% typ. at IDC.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
09 of 10
TOKEN
How to Order
TPSLF Wirewound Power Inductors
TPSLF6028
100
M
Part Number: TPSLF6028, TPSLF7032
TPSLF7045, TPSLF10145 TPSLF12555, TPSLF12565 TPSLF12575 Inductance
Inductance
Code
100 120 150 Tolerance
Code
10.00H 12.00H 15.00H
Tolerance
M N
20% 30%
Back to 1st Page - SMT Wirewound Power InductorsS (TPSLF)
10 of 10
http://www.token.com.tw/
rfq token.com.tw
Version 2010


▲Up To Search▲   

 
Price & Availability of TPSLF6028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X